Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4928CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4928CSM
Description  GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4928CSM Datasheet(HTML) 2 Page - Seme LAB

  2N4928CSM Datasheet HTML 1Page - Seme LAB 2N4928CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5884
Issue 1
2N4928CSM
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = -10mA
IB = 0
IC = -100µAIE = 0
IE = -100µAIC = 0
IB = 0
VCB = -50V
IC = 0
VEB = 3V
IC = -10mA
IB = -1mA
IC = -10mA
VCE = -10V
IC = -1mA
VCE = -10V
IC = -10mA
VCE = -10V
IC = -50mA
VCE = -10V
IC = -20mA
VCE = -20V
f = 100MHz
VCB = -20V
IE = 0
f = 140kHz
VBE = -2.0V
IC = 0
f = 140kHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)CBO* Collector – Base Breakdown Voltage
V(BR)EBO* Emitter – Base Breakdown Voltage
ICBO*
Collector – Base Cut-off Current
IEBO*
Emitter Cut-off Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(ON)
Base – Emitter On Voltage
hFE*
DC Current Gain
fT
Transition Frequency
Ccb
Collector – Base Capacitance
Ceb
Collector – Emitter Capacitance
-100
-100
-4.0
-0.5
-0.5
-0.5
-1.0
20
25
200
20
100
1,000
6.0
40
V
µA
V
—
MHz
pF
fT is defined as the frequency at which hFE extrapolates to unity.
* Pulse test tp = 300µs , δ ≤ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com