Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5551CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5551CSM
Description  HIGH VOLTAGE NPN SWITCHING TRANSISTOR IN A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5551CSM Datasheet(HTML) 2 Page - Seme LAB

  2N5551CSM Datasheet HTML 1Page - Seme LAB 2N5551CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N5551CSM
Document Number 6528
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 1.0mA
IB = 0mA
IC = 100μAIE = 0mA
IE = 10μAIC = 0mA
VCB = 120V
IE = 0
TA = +100°C
VEB = 4V
IC = 0
IC = 10mA
IB = 1.0mA
IC = 50mA
IB = 5mA
IC = 10mA
IB = 1.0mA
IC = 50mA
IB = 5mA
IC = 1.0mA
VCE = 5V
IC = 10mA
VCE = 5V
IC = 50mA
VCE = 5V
IC = 10mA
VCE = 10V
f = 100MHz
VCB = 10V
IE = 0
f = 1.0 MHz
VEB = 0.5V
IC = 0
f = 1.0 MHz
IC = 250μAVCE = 5V
RS=1.0 k
f = 1.0 KHz
VCE = 10V
IC =1.0 mA
f = 1.0 KHz
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CEO*
Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICBO
Collector – Base Cut-off Current
IEBO
Emitter – Base Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE*
Current Gain
fT
Current Gain Bandwidth Product
Cobo
Output Capacitance
Cib
Input Capacitance
NF
Noise Figure
hFE*
Current Gain
160
180
6
50
50
50
0.15
0.20
1.0
1.0
80
80
250
30
100
300
6
60
8
50
200
V
V
V
nA
μA
nA
V
V
—
—
pF
dB
—
* Pulse Test: tp ≤ 300μs, δ≤ 2%.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com