Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5667 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5667
Description  NPN BIPOLAR POWER SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5667 Datasheet(HTML) 2 Page - Seme LAB

  2N5667 Datasheet HTML 1Page - Seme LAB 2N5667 Datasheet HTML 2Page - Seme LAB 2N5667 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5382
Issue 3
2N5666
2N5667
ELECTRICAL CHARACTERISTICS - 2N5666 (TA = 25°C unless otherwise stated)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
200
6.0
100
0.2
0.1
1.0
0.4
1.0
1.2
1.5
40
40
120
15
5
120
2.0
7.0
0.25
1.5
IC = 1mA
IE = 10µA
VCE = 250V
RB = 100Ω
VCE = 200V
IB = 0
VCB = 200V
VCB = 250V
IC = 3.0A
IB = 0.6A
IC = 5.0A
IB = 1.0A
IC = 3.0A
IB = 0.6A
IC = 5.0A
IB = 1.0A
IC = 0.5A
VCE = 2V
IC = 1.0A
VCE = 5V
IC = 3.0A
VCE = 5V
IC = 5.0A
VCE = 5V
VCB = 10V
IE = 0A
100kHz < f > 1MHz
f = 10MHz
IC = 0.5A
VCE = 5V
IB1 = 30mA
IC = 1.0A
VCC = 100V
IB1 =-IB2 = 50mA
IC = 1.0A
VCC = 30V
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
ICER
Collector – Emitter Cut-off Current
ICES
Collector – Emitter Cut-off Current
ICBO
Collector – Base Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage*
VBE(sat)
Base – Emitter On Voltage*
hFE
DC Current Gain*
Cobo
Output Capacitance
[hfe]
Small Signal Current Gain
ton
Turn on time
toff
Turn off time
V
µA
mA
V
—
pF
—
µs
NOTES
* Pulse Test: tp = 300µs, δ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com