Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5883 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N5883
Description  SILICON EPITAXIAL PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5883 Datasheet(HTML) 2 Page - Seme LAB

  2N5883 Datasheet HTML 1Page - Seme LAB 2N5883 Datasheet HTML 2Page - Seme LAB 2N5883 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON EPITAXIAL
PNP TRANSISTOR
2N5883
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 5981
Issue 3
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = -50mA
-60
V
VCE = -60V
VBE = 1.5V
-1.0
ICEV
Collector Cut-Off Current
TC = 150°C
-10
ICEO
Collector Cut-Off Current
VCE = -30V
IB = 0
-2
ICBO
Collector Cut-Off Current
VCB = -60V
IE = 0
-1.0
IEBO
Emitter Cut-Off Current
VEB = -5V
IC = 0
-1.0
mA
IC = -3A
VCE = -4V
35
IC = -10A
VCE = -4V
20
100
hFE
(1)
Forward-current transfer
ratio
IC = -25A
VCE = -4V
4
VBE
(1)
Base-Emitter Voltage
IC = -10A
VCE = -4V
-1.5
IC = -15A
IB = -1.5A
-1.0
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = -25A
IB = -6.25A
-4
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = -25A
IB = -6.25A
-2.5
V
DYNAMIC CHARACTERISTICS
IC = -1.0A
VCE = -10V
fT
Transition Frequency
f = 1.0MHz
4
MHz
VCB = -10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
1000
pF
tr
Rise Time
0.7
ts
Storage Time
1.0
tf
Fall Time
VCC = -30V
IC = -10A
IB1 = -IB2 = -1.0A
0.8
µs
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com