Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6193LCC4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6193LCC4
Description  PNP SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6193LCC4 Datasheet(HTML) 2 Page - Seme LAB

  2N6193LCC4 Datasheet HTML 1Page - Seme LAB 2N6193LCC4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
µA
µA
mA
µA
µA
V
—
pF
100
10
10
1
100
100
0.7
1.2
1.2
1.8
60
60
240
12
30
3.0
15
1250
300
2N6193LCC4
Document Number 2946
Issue: 3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
V(BR)CEO
ICBO
ICEX
ICEO
IEBO
VCE(sat)
VBE(sat)
hFE
|hfe|
CIBO
COBO
Collector Emitter Breakdown Voltage
Collector-Base Cut Off Current
Collector-Emitter Cut Off Current
Collector-Emitter Cut Off Current
Collector-Emitter Cut Off Current
Collector Emitter Saturation Voltage
Base Emitter Voltage
DC Current Gain
Magnitude of Common Emitter Small
Signal Short circuit forward Current
Transfer ratio.
Input Capacitance, Output Open
Circuited
Open Circuit Output Capacitance
IC = 50mA pulsed
IE = 0
VCB = 100V
VBE = 1.5V
VCE = 90V
TA = 150°C
IB = 0
VCE = 100V
VEB = 6V
IC = 0
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 2A
IB = 0.2A
IC = 5A
IB = 0.5A
IC = 0.5A
VCE = 2V
IC = 2A
VCE = 2V
TC = -55°C
IC = 5A
VCE = 2V
VCB = 5V
IC = 0.5A
f = 10MHz
VCB = 10V
IE = 0
100kHz<f<1MHz
VCB = 10V
IE = 0
100kHz<f<1MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com