Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6790 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6790
Description  N?밅HANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6790 Datasheet(HTML) 2 Page - Seme LAB

  2N6790 Datasheet HTML 1Page - Seme LAB 2N6790 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
nA
μA
Ω
S ( )
pF
ns
nC
V
A
V
ns
μC
2N6790
IRFF220
Document Number 6445
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
200
2.0
4.0
100
-100
25
250
0.80
0.92
1.5
260
100
30
40
50
50
50
8.0
14.3
0.9
3.0
2.3
9.0
3.5
14
1.5
400
4.3
VGS = 0
ID = 1.0mA
VDS = VGS
ID = 250μA
VGS = 20V
VGS = -20V
VDS = 160V.
VGS =0
TC = 125°C
VGS = 10V
ID = 2.25A
VGS = 10V
ID = 3.5A
VDS = 15V
IDS = 2.25A
VGS = 0
VDS = 25V
f = 1.0MHz
VDD = 100V
ID = 3.5A
RG = 7.5Ω
(MOSFET switching times are essentially
independent of operating temperature.)
VGS = 10V
ID = 3.5A
VDS = 100V
Modified MOS POWER
symbol showing the intergal
P-N junction rectifier.
IS = 3.5A
VGS = 0
TJ = 25°C
IF = 3.5A
TJ = 25°C
di / dt = 100A/μsVDD = 50V
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate Body Leakage Forward
Gate Body Leakage Reverse
Zero Gate Voltage Drain Current
Static Drain Source On-State
Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–On Delay Time
Rise Time
Turn–Off Delay Time
Fall Time
Total Gate Charge
Gate To Source Charge
Gate To Drain (“Miller”) Charge
Continuous Source Current (Body
Diode)
Source Current (Body Diode)
Diode Forward Voltage*
Reverse Recovery Time
Reverse Recovery Charge
BVDSS
VGS(th)*
IGSSF
IGSSR
IDSS
RDS(on)*
gfs*
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
IS
ISM
VSD
trr
QRR
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
BODY– DRAIN DIODE RATINGS & CHARACTERISTICS
,
5
/
Notes
* Pulse Test: Pulse Width
≤ 300μs, δ≤ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com