Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP600G-FN Datasheet(PDF) 2 Page - Seme LAB

Part # SMP600G-FN
Description  P.I.N. PHOTODIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP600G-FN Datasheet(HTML) 2 Page - Seme LAB

  SMP600G-FN Datasheet HTML 1Page - Seme LAB SMP600G-FN Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMP600G-FN
Prelim. 7/97
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Characteristic
Test Conditions.
Min.
Typ.
Max.
Units
Responsively
Active Area
Dark Current
Breakdown Voltage
Capacitance
Rise Time
NEP
λ at 900nm
E = 0 Dark
1V Reverse
E = 0 Dark
10V Reverse
E = 0 Dark
10µA Reverse
E = 0 Dark
0V Reverse
E = 0 Dark
20V Reverse
30V Reverse
50
Ω
900nm
0.45
0.55
15
2
6
60
80
90
25
12
20x10-14
0.45
A/W
mm2
nA
V
pF
ns
W/
√Hz
CHARACTERISTICS (Tamb=25°C unless otherwise stated)
Spectral Response
0
20
40
60
80
100
0
200
400
600
800
1000
1200
W ave le ngth (nm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com