Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC109CSM Datasheet(PDF) 2 Page - Seme LAB

Part # BC109CSM
Description  SILICON EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC109CSM Datasheet(HTML) 2 Page - Seme LAB

  BC109CSM Datasheet HTML 1Page - Seme LAB BC109CSM Datasheet HTML 2Page - Seme LAB BC109CSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON EPITAXIAL
NPN TRANSISTOR
BC109CSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8123
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
VCB = 20V
15
nA
ICBO
Collector-Cut-Off Current
TA = 150°C
15
µA
V(BR)CBO
Collector-Base Breakdown
Voltage
IC = 10µA
30
V(BR)CEO
(1)
Collector-Emitter
Breakdown Voltage
IC = 10mA
20
V(BR)EBO
Emitter-Base Breakdown
Voltage
IE = 10µA
5
V
IC = 2mA
VCE = 5V
550
700
VBE
(1)
Base-Emitter Voltage
IC = 10mA
VCE = 5V
700
IC = 10mA
IB = 0.5mA
250
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 100mA
IB = 5mA
600
IC = 10mA
IB = 0.5mA
750
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 100mA
IB = 5mA
900
mV
hFE
(1)
IC = 2mA
VCE = 5V
200
800
Forward-current transfer
ratio
IC = 10µA
VCE = 5V
40
DYNAMIC CHARACTERISTICS
IC = 10mA
VCE = 5V
fT
Transition Frequency
f = 100MHz
150
MHz
IC = 2mA
VCE = 5V
hfe
Small-Signal Current Gain
f = 1.0KHz
240
900
VCB = 10V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
6
pF
VEB = 0.5V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
12
pF
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com