Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY87 Datasheet(PDF) 2 Page - Seme LAB

Part # BCY87
Description  NPN SILICON PLANAR DUAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY87 Datasheet(HTML) 2 Page - Seme LAB

  BCY87 Datasheet HTML 1Page - Seme LAB BCY87 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max. Unit
Parameter
Test Conditions
Unit
10
100
450
100
600
10
50
3.5
4
5
ICBO
hFE
fT
Cc
NF
BCY87
Collector Cut-Off Current
DC Current Gain
Transistion Frequency
Collector-Capacitance at f = 1MHz
Noise Figure
nA
—
MHz
pF
dB
0.67-1.5
10mV
300nA
—
VCB = 20V
IE = 0
IC = 50μAVCE = 10V
IC = 10mA
VCE = 10V
-IE = 50μAVCB = 10V
-IE = 50μAVCB = 10V
IE = Ie = 0
VCB = 10V
IC = 50µA
VCE = 5V
f =10Hz to15Hz RS = 10kΩ
IC = 50µA
VCE = 5V
f =200Hz
RS = Opt.
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
|1C/|2C|
Ratio of Collector Currents V1B-1E = V2B-2E
|V1B-1E-V2B-2E| Difference between Base-Emitter Voltages
||1B-|2B|
Difference between Base Currents
h1FE/h2FE
D.C. Current Gain Ration
MATCHING CHARACTERISTICS
V1B-1E =V2B-2E
|1C = |2C|
V1B-1E = V2B-2E
|1C = |2C|
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5620
Issue 2
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com