Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF257CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # BF257CSM4
Description  SILICON PLANAR NPN HIGH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BF257CSM4 Datasheet(HTML) 2 Page - Seme LAB

  BF257CSM4 Datasheet HTML 1Page - Seme LAB BF257CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rth j-case
Thermal resistance junction - case
max
30°C/W
Rth j-amb
Thermal resistance junction - ambient
max
175°C/W
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 2666
Issue 1
BF257CSM4
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is
believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in
its use. Semelab encourages customers to verify that datasheets are current before placing orders.
Thermal Data
Electrical Characteristics(Tamb = 25°C Unless otherwise specified)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)CEO*
V(BR)CBO
V(BR)EBO
ICBO
VCE(sat)*
hFE*
ft
Cre
Collector–Emitter Breakdown Voltage
Collector – Base Breakdown Voltage
Emitter - Base Breakdown Voltage
Collector Cutoff Current
Collector – Emitter Saturation Voltage
DC Current Gain
Transition Frequency
Reverse Capacitance
160
160
5
50
1
25
90
3
V
nA
V
—
MHz
pF
IC = 10mA
IB = 0
IC = 100mAIE = 0
IC = 0
IE = 100mA
VCB =100V
IE = 0
IC = 30mA
IB = 6mA
IC = 30mA
IB = 10V
IC = 15mA
VCE = 10V
IC = 0
VCE = 30V
f = 1MHz
* Pulsed test tp = 300ms , d = 1%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com