Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STN2360 Datasheet(PDF) 8 Page - STMicroelectronics

Part # 2STN2360
Description  Low voltage fast-switching PNP power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STN2360 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 2STN2360 Datasheet HTML 3Page - STMicroelectronics 2STN2360 Datasheet HTML 4Page - STMicroelectronics 2STN2360 Datasheet HTML 5Page - STMicroelectronics 2STN2360 Datasheet HTML 6Page - STMicroelectronics 2STN2360 Datasheet HTML 7Page - STMicroelectronics 2STN2360 Datasheet HTML 8Page - STMicroelectronics 2STN2360 Datasheet HTML 9Page - STMicroelectronics 2STN2360 Datasheet HTML 10Page - STMicroelectronics 2STN2360 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
2STD2360, 2STF2360, 2STN2360
8/11
Doc ID 13309 Rev 5
SOT-89 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C0.35
0.44
C1
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E2.29
2.60
e
1.42
1.57
e1
2.92
3.07
H
3.94
4.25
K1°
8°
L0.89
1.20
R0.25
7098166_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com