Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX85 Datasheet(PDF) 2 Page - Seme LAB

Part # BFX85
Description  NPN SILICON EPITAXIAL SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX85 Datasheet(HTML) 2 Page - Seme LAB

  BFX85 Datasheet HTML 1Page - Seme LAB BFX85 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
BFX85
VEB = 6V
IC = 0
VEB = 5V
IC = 0
VEB = 5V
IC = 0
Tj = 100°C
VCB =80V
IE = 0
VCB =100V
IE = 0
Tj = 100°C
VCB =100V
IE = 0
VCB =100V
IE = 0
Tj = 100°C
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 500mA
VCE = 10V
IC = 1A
IC = 10mA
IB = 1mA
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 1A
IB = 100mA
IC = 10mA
IB = 1mA
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 1A
IB = 100mA
VCB = 10V
IE = IC =0
f=1MHz
VCE = 10V
IC = 50mA
ICon = 150mA; IBon = 15mA
IBoff = -15mA
Emitter Cut–off Current
Collector Cut–off Current
DC Current Gain
Collector – Emitter
Saturation Voltage
Base – Emitter Saturation Voltage
Collector Capactitance
Transition Frequency (f = 1MHz)
Turn-on time
Delay Time
Rise Time
Turn-off Time
Storage Time
Fall Time
10
500
250
0.1
2.5
250
0.1
2.5
10
500
0.5
30
50
90
70
142
30
90
15
50
150
200
150
350
0.35
1
0.66
1.6
0.69
1.2
0.92
1.3
1.15
1.5
1.4
2
712
50
185
55
15
40
360
300
60
nA
µA
nA
µA
nA
µA
---
mV
V
V
pF
MHz
ns
IEBO
ICBO
hFE
VCE(sat)
VBE(sat)
CTC
fT
ton
td
tr
toff
ts
tf
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance Junction – Ambient
200
°C/W
RθJC
Thermal Resistance Junction – Case
35
°C/W
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5808
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com