Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUP53R Datasheet(PDF) 2 Page - Seme LAB

Part # BUP53R
Description  NPN MULTI-EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUP53R Datasheet(HTML) 2 Page - Seme LAB

  BUP53R Datasheet HTML 1Page - Seme LAB BUP53R Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
mA
mA
V
V
—
mA
SWITCHING CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Prelim. 11/98
BUP53R
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
0.1
5
0.1
0.4
0.6
0.6
0.8
1.0
1.1
1.2
1.4
15
35
515
1.8
0.35
VBE = 1.5V
VCEX = 400V
TC = 150°C
VBE = 8V
IC = 20A
IB = 2A
IC = 40A
IB = 8A
IC = 20A
IB = 2A
IC = 40A
IB = 5A
IC = 20A
VCE = 4V
IC = 40A
VCE = 4V
IC = 30A
VCC = 200V
IB1 = –IB2 =10 A
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector Cut–Off Current
Emitter Cut–Off Current
Collector – Emitter Saturation
Voltage
Base – Emitter Saturation Voltage
DC Current Gain
Storage Time
Fall Time
ICEX
IEBO
VCE(sat)*
VBE(sat)*
hFE
ts
tf



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com