Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98A Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUX98A
Description  High power NPN transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX98A Datasheet(HTML) 4 Page - STMicroelectronics

  BUX98A Datasheet HTML 1Page - STMicroelectronics BUX98A Datasheet HTML 2Page - STMicroelectronics BUX98A Datasheet HTML 3Page - STMicroelectronics BUX98A Datasheet HTML 4Page - STMicroelectronics BUX98A Datasheet HTML 5Page - STMicroelectronics BUX98A Datasheet HTML 6Page - STMicroelectronics BUX98A Datasheet HTML 7Page - STMicroelectronics BUX98A Datasheet HTML 8Page - STMicroelectronics BUX98A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
BUX98A
4/11
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 1000 V
VCE = 1000 V TC = 125 °C
400
4
µA
mA
ICER
Collector cut-off current
(RBE = 10 Ω)
VCE = 1000 V
VCE = 1000 V TC = 125 °C
1
8
µA
µA
ICEO
Collector cut-off current
(IB = 0)
VCE = 1000 V
2
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
2
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤1.5%
Collector-emitter
sustaining voltage (IB = 0)
IC = 200 mA
450
V
VCER(sus)
(1)
Collector-emitter
sustaining voltage
(RBE = 10 Ω)
IC = 1 A
L= 2 mH 1000
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 16 A
IB = 3.2 A
IC = 24 A
IB = 5 A
1.5
5
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 16 A
IB = 3.2 A
1.6
V
ton
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
IC = 16 A
VCC = 150 V
IB(on) = -IB(off) = 3.2 A
1
3
0.8
µs
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com