Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV28 Datasheet(PDF) 2 Page - Seme LAB

Part # BUV28
Description  NPN SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUV28 Datasheet(HTML) 2 Page - Seme LAB

  BUV28 Datasheet HTML 1Page - Seme LAB BUV28 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
mA
µs
BUV28
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 50mA
IB = 0
IE = 50mA
IC = 0
IC = 3A
IB = 0.3A
IC = 6A
IB = 0.6A
IC = 6A
IB =0.6A
VCE = 400V
RBE = 50Ω
TC = 125°C
VCE = 400V
VBE = –1.5V
TC = 125°C
IC = 0
VEB = 5V
VCC = 150V
IC = 6A
VBE = –6V
IB1 = 0.6A
RBB = 5Ω
IB2 = -1.2A
Collector - Emitter Voltage
Emitter – BaseVoltage
Collector Emitter Saturation
Voltage
Base Emitter Saturation
Voltage
Collector Cut-off Current
Collector Cut-off Current
Emitter Cut-off Current
Turn–On Time
Storage Time
Fall Time
200
730
0.7
1.5
2
0.3
3.0
0.3
3.0
1.0
1.0
1.5
0.25
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
RθJCThermal Resistance Junction to Case
1.76
°C/W
VCEO*
VEBO
VCE(sat)*
VBE(sat)*
ICER
ICEX
IEBO
ton
ts
tr
NOTES
* Pulse Test: tp = 300µs, δ≤ 2%
Document Number 5923
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com