Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT08P-400 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYT08P-400
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT08P-400 Datasheet(HTML) 3 Page - STMicroelectronics

  BYT08P-400 Datasheet HTML 1Page - STMicroelectronics BYT08P-400 Datasheet HTML 2Page - STMicroelectronics BYT08P-400 Datasheet HTML 3Page - STMicroelectronics BYT08P-400 Datasheet HTML 4Page - STMicroelectronics BYT08P-400 Datasheet HTML 5Page - STMicroelectronics BYT08P-400 Datasheet HTML 6Page - STMicroelectronics BYT08P-400 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BYT08P-400 / BYT08PI-400
3/7
012
3
456789
10
0
2
4
6
8
10
12
14
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
Fig. 1: Average forward power dissipation versus
average forward current .
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
90
100
IM(A)
P=10W
P=5W
P=20W
δ
T
δ=tp/T
tp
Fig. 2: Peak current versus form factor.
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
Non insulated
Insulated
T
δ=tp/T
tp
Fig. 3: Average forward current versus ambient
temperature (
δ=0.5).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
Tc=75°C
Tc=50°C
Tc=25°C
t(s)
IM(A)
IM
t
δ=0.5
Fig. 4-2: Non repetitive surge peak forward current
versus overload duration (insulated TO-220AC).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
100
t(s)
IM(A)
Tc=75°C
Tc=50°C
Tc=25°C
IM
t
δ=0.5
Fig. 4-1: Non repetitive surge peak forward current
versus overload duration (TO-220AC).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com