Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9466N Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9466N
Description  Car alternator voltage regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9466N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9466N Datasheet HTML 2Page - STMicroelectronics L9466N Datasheet HTML 3Page - STMicroelectronics L9466N Datasheet HTML 4Page - STMicroelectronics L9466N Datasheet HTML 5Page - STMicroelectronics L9466N Datasheet HTML 6Page - STMicroelectronics L9466N Datasheet HTML 7Page - STMicroelectronics L9466N Datasheet HTML 8Page - STMicroelectronics L9466N Datasheet HTML 9Page - STMicroelectronics L9466N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical specifications
L9466
6/11
Figure 3.
Set-point voltage vs. mounting tab temperature
VF-ON
Output saturation voltage
IF = 5A, VGO = 13.5V,
Tcase = 125°C
850
mV
IF-LIM
Field limit current(1)
Current F+ Terminal to Gnd.
@ Tcase ≤ 25°C
9.0
A
IF-LIM
Field limit current(1)
Current F+ Terminal to Gnd.
@ Tcase = +150°C
6.0
A
IG-MIN
Min. generator current load
Current measured @ generator
output
0.5
A
VD-F
Field discharge diode
IF = 6A, Tcase = 25°C1.85
V
ID-R
Diode reverse current
VR = 20V
1
mA
FOSC
Oscillation frequency
During LRC operation
340
400
460
Hz
VDF
DF saturation voltage
IDF ≤ 10mA
0.8
V
IDF-LK
DF output leakage current
VDF < 25V
10
μA
FTURBO Internal clock frequency
VDF = 32 - 35V; at 2.2kΩ
4X
Hz
FTURBO IRD, SS, LRC Rate
VDF = 32 - 35V; at 2.2kΩ÷ 16
1.
The Field Drive capability shall not decrease as a function of temperature between 25°C and 150°C, at a rate faster than -
0.024A/°C (for example, Field Drive shall be capable of
≥7.2A at 100°C).
Table 5.
Electrical characteristics (continued)
(Tcase = -35°C to +150°C continuous unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com