Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985AM25R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD2985AM25R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM25R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD2985AM25R Datasheet HTML 9Page - STMicroelectronics LD2985AM25R Datasheet HTML 10Page - STMicroelectronics LD2985AM25R Datasheet HTML 11Page - STMicroelectronics LD2985AM25R Datasheet HTML 12Page - STMicroelectronics LD2985AM25R Datasheet HTML 13Page - STMicroelectronics LD2985AM25R Datasheet HTML 14Page - STMicroelectronics LD2985AM25R Datasheet HTML 15Page - STMicroelectronics LD2985AM25R Datasheet HTML 16Page - STMicroelectronics LD2985AM25R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LD2985Axx, LD2985Bxx
Typical characteristics
13/21
Figure 15.
Load transient
Figure 16.
Load transient
VO = 2.5V, IO = 0 to 50mA, no CI, CO = 10µF, tr=tf=2ns
VO = 2.5V, IO = 0 to 50mA, no CI, CO = 4.7µF, tr=tf=2ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com