Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985AM30R Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD2985AM30R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM30R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD2985AM30R Datasheet HTML 7Page - STMicroelectronics LD2985AM30R Datasheet HTML 8Page - STMicroelectronics LD2985AM30R Datasheet HTML 9Page - STMicroelectronics LD2985AM30R Datasheet HTML 10Page - STMicroelectronics LD2985AM30R Datasheet HTML 11Page - STMicroelectronics LD2985AM30R Datasheet HTML 12Page - STMicroelectronics LD2985AM30R Datasheet HTML 13Page - STMicroelectronics LD2985AM30R Datasheet HTML 14Page - STMicroelectronics LD2985AM30R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LD2985Axx, LD2985Bxx
Typical characteristics
11/21
5
Typical characteristics
(TJ = 25 °C, VI = VO(NOM) +1 V, CI = 1 µF(X7R), CO = 2.2 µF(X7R), VINH = 2 V, unless
otherwise specified).
Figure 3.
Output voltage vs temperature
Figure 4.
Dropout voltage vs temperature
Figure 5.
Dropout voltage vs output current
Figure 6.
Quiescent current vs load current
Figure 7.
Quiescent current vs temperature
Figure 8.
Supply voltage rejection vs temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com