Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985AM33R Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD2985AM33R
Description  Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985AM33R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD2985AM33R Datasheet HTML 8Page - STMicroelectronics LD2985AM33R Datasheet HTML 9Page - STMicroelectronics LD2985AM33R Datasheet HTML 10Page - STMicroelectronics LD2985AM33R Datasheet HTML 11Page - STMicroelectronics LD2985AM33R Datasheet HTML 12Page - STMicroelectronics LD2985AM33R Datasheet HTML 13Page - STMicroelectronics LD2985AM33R Datasheet HTML 14Page - STMicroelectronics LD2985AM33R Datasheet HTML 15Page - STMicroelectronics LD2985AM33R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical characteristics
LD2985Axx, LD2985Bxx
12/21
Figure 9.
Supply voltage rejection vs output
current
Figure 10.
Supply voltage rejection vs output
current
Figure 11.
Supply voltage rejection vs
frequency
Figure 12.
Supply voltage rejection vs
frequency
Figure 13.
Line transient
Figure 14.
Line transient
VO = 2.5V, IO = 50mA, no CI, CO = 4.7µF, tr=tf=2ns
VO = 2.5V, IO = 50mA, no CI, CO = 4.7µF, tr=tf=1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com