Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP137MEA Datasheet(PDF) 1 Page - Seme LAB

Part # IP137MEA
Description  0.5 AMP NEGATIVE ADJUSTABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP137MEA Datasheet(HTML) 1 Page - Seme LAB

  IP137MEA Datasheet HTML 1Page - Seme LAB IP137MEA Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IP137MAHVE
IP137MHVE
IP137MAE
IP137MEA
Document Number 2830
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
0.5 AMP
NEGATIVE ADJUSTABLE
VOLTAGE REGULATOR
IN CERAMIC SURFACE
MOUNT PACKAGE
VI–O
Input - Output Differential Voltage
– Standard
– HV Series
IO
Output Current
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
40V
50V
Internally limited
Internally limited
–55 to +150°C
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• –1.2V TO 47V OUTPUT VOLTAGE RANGE
• 0.5A OUTPUT CURRENT
• 1% OUTPUT VOLTAGE TOLERANCE
• 0.5% / A LOAD REGULATION
• 0.01% / V LINE REGULATION
• 0.02% / W THERMAL REGULATION
• INTERNAL PROTECTION
Internal current and power limiting coupled with
true thermal limiting prevents device damage
due to overloads or shorts, even if the regulator
is not fastened to a heat sink.
1.39 (0.055)
1.15 (0.045)
0.76 (0.030)
0.51 (0.020)
1.39 (0.055)
1.02 (0.040)
15 16
13
12
14
3
4
5
6
7
17
18
1
2
11
10
8
9
9.14 (0.360)
8.64 (0.340)
1.27 (0.050)
1.07 (0.040)
≈ 2.16 (0.085)
7.62 (0.300)
7.12 (0.280)
1.65 (0.065)
1.40 (0.055)
0.33 (0.013)
0.08 (0.003)
0.43 (0.017)
0.18 (0.007
Rad.
Rad.
Pads 4,5
– Adjust
Pads 6,7,8,9,10,11,12,13 – VOUT
Pads 15,16,17,18,1,2
– VIN
LCC4 CERAMIC SURFACE MOUNT
MECHANICAL DATA
Dimensions in mm (inches)


Similar Part No. - IP137MEA

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137M SEME-LAB-IP137M Datasheet
14Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137M-LCC4 SEME-LAB-IP137M-LCC4 Datasheet
14Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137MA SEME-LAB-IP137MA Datasheet
14Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137MA-LCC4 SEME-LAB-IP137MA-LCC4 Datasheet
14Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137MAH SEME-LAB-IP137MAH Datasheet
17Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - IP137MEA

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP120MA SEME-LAB-IP120MA Datasheet
32Kb / 4P
0.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137MAHV-LCC4 SEME-LAB-IP137MAHV-LCC4 Datasheet
14Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137MAHVH SEME-LAB-IP137MAHVH Datasheet
17Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Sensitron
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Solid States Devices, I...
SVR333J SSDI-SVR333J Datasheet
134Kb / 3P
NEGATIVE ADJUSTABLE NEGATIVE ADJUSTABLE
logo
Seme LAB
IP120MA SEME-LAB-IP120MA Datasheet
37Kb / 4P
0.5 AMP NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com