Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39015XG08R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD39015XG08R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG08R Datasheet(HTML) 4 Page - STMicroelectronics

  LD39015XG08R Datasheet HTML 1Page - STMicroelectronics LD39015XG08R Datasheet HTML 2Page - STMicroelectronics LD39015XG08R Datasheet HTML 3Page - STMicroelectronics LD39015XG08R Datasheet HTML 4Page - STMicroelectronics LD39015XG08R Datasheet HTML 5Page - STMicroelectronics LD39015XG08R Datasheet HTML 6Page - STMicroelectronics LD39015XG08R Datasheet HTML 7Page - STMicroelectronics LD39015XG08R Datasheet HTML 8Page - STMicroelectronics LD39015XG08R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pin configuration
LD39015xx
4/16
2
Pin configuration
Figure 2.
Pin connection (top view)
SOT23-5L
SOT666
Table 2.
Pin description
Pin n°
Symbol
Function
SOT666
SOT23-5L
1
3
EN
Enable pin logic input: Low=shutdown, High=active
2
2
GND
Common ground.
3
1
IN
Input voltage of the LDO
4
5
OUT
Output voltage
5
4
NC
Not connected
6
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com