Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39015XG12R Datasheet(PDF) 13 Page - STMicroelectronics

Part # LD39015XG12R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG12R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LD39015XG12R Datasheet HTML 8Page - STMicroelectronics LD39015XG12R Datasheet HTML 9Page - STMicroelectronics LD39015XG12R Datasheet HTML 10Page - STMicroelectronics LD39015XG12R Datasheet HTML 11Page - STMicroelectronics LD39015XG12R Datasheet HTML 12Page - STMicroelectronics LD39015XG12R Datasheet HTML 13Page - STMicroelectronics LD39015XG12R Datasheet HTML 14Page - STMicroelectronics LD39015XG12R Datasheet HTML 15Page - STMicroelectronics LD39015XG12R Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LD39015xx
Package mechanical data
13/16
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.53
0.57
0.60
0.021
0.022
0.024
A3
0.13
0.17
0.18
0.005
0.006
0.007
D
1.50
1.66
1.70
0.059
0.065
0.067
E
1.50
1.65
1.70
0.059
0.065
0.067
E1
1.10
1.20
1.30
0.043
0.047
0.051
L1
0.11
0.19
0.26
0.004
0.007
0.010
L2
0.10
0.23
0.30
0.004
0.009
0.012
L3
0.05
0.10
0.002
0.004
b
0.17
0.25
0.17
0.25
b1
0.27
0.34
0.27
0.34
e0.50
0.5
e1
0.20
0.2
θ
8°
10°
12°
8°
10°
12°
SOT666 mechanical data
7673701C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com