Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39015XG15R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39015XG15R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG15R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39015XG15R Datasheet HTML 3Page - STMicroelectronics LD39015XG15R Datasheet HTML 4Page - STMicroelectronics LD39015XG15R Datasheet HTML 5Page - STMicroelectronics LD39015XG15R Datasheet HTML 6Page - STMicroelectronics LD39015XG15R Datasheet HTML 7Page - STMicroelectronics LD39015XG15R Datasheet HTML 8Page - STMicroelectronics LD39015XG15R Datasheet HTML 9Page - STMicroelectronics LD39015XG15R Datasheet HTML 10Page - STMicroelectronics LD39015XG15R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LD39015xx
Electrical characteristics
7/16
5
Electrical characteristics
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5.
Electrical characteristics (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VUVLO
Turn-on threshold
1.45
1.48
V
Turn-off threshold
1.30
1.35
mV
VOUT
VOUT accuracy
VOUT > 1.5V, IOUT = 1mA, TJ = 25°C
-2.0
2.0
%
VOUT > 1.5V, IOUT = 1mA,
-40°C < TJ < 125°C
-3.0
3.0
VOUT ≤ 1.5V, IOUT = 1mA
±10
mV
VOUT ≤ 1.5V, IOUT = 1mA,
-40°C < TJ < 125°C
±30
ΔVOUT Static line regulation
VOUT +1V ≤ VIN ≤ 5.5V, IOUT = 1mA
0.01
%/V
ΔVOUT Transient line regulation (2)
ΔVIN = +500mV, IOUT = 1mA,
TR = TF = 5µs
10
mVpp
ΔVOUT Static load regulation
IOUT = 1mA to 150mA
0.002
%/mA
ΔVOUT Transient load regulation (2)
IOUT = 1mA to 150mA, TR = TF = 5µs
40
mVpp
VDROP Dropout voltage
(3)
IOUT = 100mA, VOUT > 1.5V
-40°C < TJ < 125°C
80
100
mV
eN
Output noise voltage
1.1kHz to 100kHz, IOUT = 10mA,
VOUT = 0.8V
29
µVRMS
SVR
Supply voltage rejection
VOUT = 1.5V
VIN = VOUTNOM + 0.5V +/-VRIPPLE
VRIPPLE = 0.1V, Freq. = 1kHz
IOUT = 10mA
65
dB
VIN = VOUTNOM + 0.5V +/-VRIPPLE
VRIPPLE = 0.1V, Freq.=10kHz
IOUT = 10mA
62
IQ
Quiescent current
IOUT = 0mA
18
µA
IOUT = 0mA, -40°C < TJ < 125°C
50
IOUT = 0 to 150mA
38
IOUT = 0 to 150mA
-40°C < TJ< 125°C
70
VIN input current in OFF MODE:
VEN = GND
0.001
1
ISC
Short circuit current
RL = 0
350
mA
VEN
Enable input logic low
VIN = 1.5V to 5.5V,
-40°C < TJ < 125°C
0.4
V
Enable input logic high
VIN = 1.5V to 5.5V,
-40°C < TJ < 125°C
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com