Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39015XG18R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39015XG18R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG18R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39015XG18R Datasheet HTML 1Page - STMicroelectronics LD39015XG18R Datasheet HTML 2Page - STMicroelectronics LD39015XG18R Datasheet HTML 3Page - STMicroelectronics LD39015XG18R Datasheet HTML 4Page - STMicroelectronics LD39015XG18R Datasheet HTML 5Page - STMicroelectronics LD39015XG18R Datasheet HTML 6Page - STMicroelectronics LD39015XG18R Datasheet HTML 7Page - STMicroelectronics LD39015XG18R Datasheet HTML 8Page - STMicroelectronics LD39015XG18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2009
Rev 3
1/16
16
LD39015xx
150 mA low quiescent current
low noise voltage regulator
Features
■ Input voltage from 1.5 to 5.5 V
■ Ultra low dropout voltage (80 mV typ. at 100
mA load)
■ Very low quiescent current (18 µA typ. at no
load, 35 µA typ. at 150 mA load, 1 µA max in off
mode)
■ Very low noise without bypass capacitor
(29 µVRMS at VOUT = 0.8 V)
■ Output voltage tolerance: ± 2.0% @ 25 °C
■ 150 mA guaranteed output current
■ Wide range of output voltages available on
request: 0.8 V to 3.3 V with 100 mV step
■ Logic-controlled electronic shutdown
■ Compatible with ceramic capacitors CO = 1 µF
■ Internal current and thermal limit
■ Available in SOT666 and SOT23-5L packages
■ Temperature range: -40 °C to 125 °C
Description
The LD39015xx series provides 150 mA
maximum current from an input voltage ranging
from 1.5 V to 5.5 V with a typical dropout voltage
of 80 mV. It is stable with ceramic capacitor. The
ultra-low drop voltage, low quiescent current and
low noise features make it suitable for low power
battery-powered applications. Power supply
rejection is 65 dB at low frequencies and starts to
roll off at 10 kHz. Enable logic control function
puts the LD39015xx in shut-down mode allowing
a total current consumption lower than 1 µA. The
device also includes short-circuit constant current
limiting and thermal protection. Typical
applications are mobile phones, personal digital
assistants (PDAs), cordless phones or similar
battery-powered systems.
SOT666
SOT23-5L
Table 1.
Device summary
Part numbers
Order codes
Output voltages
SOT666
SOT23-5L
LD39015XX08
LD39015XG08R
LD39015M08R
0.8 V
LD39015XX10
LD39015XG10R (1)
LD39015M10R
1.0 V
LD39015XX12
LD39015XG12R
LD39015M12R
1.2 V
LD39015XX125
LD39015M125R
1.25 V
LD39015XX15
LD39015XG15R (1)
LD39015M15R
1.5 V
LD39015XX18
LD39015XG18R (1)
LD39015M18R
1.8 V
LD39015XX25
LD39015XG25R (1)
LD39015M25R
2.5 V
LD39015XX33
LD39015XG33R
LD39015M33R
3.3 V
1.
Available on request. Other voltages available on request from 0.8 V to 3.3 V in 100 mV step.
www.st.com


Similar Part No. - LD39015XG18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XG18R STMICROELECTRONICS-LD39015XG18R Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
More results

Similar Description - LD39015XG18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
150 mA low quiescent current low noise voltage regulator
05-Aug-2009
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
500 mA low quiescent current low noise voltage regulator
11-Mar-2009
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
150 mA low quiescent current low noise voltage regulator
20-Dec-2011
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
500 mA low quiescent current and low noise voltage regulator
26-Oct-2015
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com