Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T128Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T128Y
Description  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T128Y Datasheet HTML 9Page - STMicroelectronics M48T128Y Datasheet HTML 10Page - STMicroelectronics M48T128Y Datasheet HTML 11Page - STMicroelectronics M48T128Y Datasheet HTML 12Page - STMicroelectronics M48T128Y Datasheet HTML 13Page - STMicroelectronics M48T128Y Datasheet HTML 14Page - STMicroelectronics M48T128Y Datasheet HTML 15Page - STMicroelectronics M48T128Y Datasheet HTML 16Page - STMicroelectronics M48T128Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
M48T128Y, M48T128V
Clock operations
Doc ID 5746 Rev 6
13/23
One method is available for ascertaining how much calibration a given M48T128Y/V may
require. This involves setting the clock, letting it run for a month and comparing it to a known
accurate reference and recording deviation over a fixed period of time.
Calibration values, including the number of seconds lost or gained in a given period, can be
found in the STMicroelectronics application note, “TIMEKEEPER calibration.”
This allows the designer to give the end user the ability to calibrate the clock as the
environment requires, even if the final product is packaged in a non-user serviceable
enclosure. The designer could provide a simple utility that accesses the calibration byte. For
example, a deviation of 21 seconds slow over a period of 30 days would indicate a –8 ppm
oscillator frequency error, requiring a +2(WR100010) to be loaded into the calibration byte
for correction.
Figure 7.
Crystal accuracy across temperature
Figure 8.
Clock calibration
AI02124
-80
-60
-100
-40
-20
0
20
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
ΔF
= -0.038
(T - T
0)
2 ± 10%
F
ppm
C
2
T
0 = 25 °C
ppm
°C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com