Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z08 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M48Z08
Description  5 V, 64 Kbit (8 Kb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z08 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48Z08 Datasheet HTML 12Page - STMicroelectronics M48Z08 Datasheet HTML 13Page - STMicroelectronics M48Z08 Datasheet HTML 14Page - STMicroelectronics M48Z08 Datasheet HTML 15Page - STMicroelectronics M48Z08 Datasheet HTML 16Page - STMicroelectronics M48Z08 Datasheet HTML 17Page - STMicroelectronics M48Z08 Datasheet HTML 18Page - STMicroelectronics M48Z08 Datasheet HTML 19Page - STMicroelectronics M48Z08 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
M48Z08, M48Z18
Revision history
Doc ID 2424 Rev 7
19/20
8
Revision history
Table 13.
Document revision history
Date
Revision
Changes
Mar-1999
1
First issue
19-Jul-2001
2
2-socket SOH and 2-pin SH packages removed; reformatted;
temperature information added to tables (Table 7, 8, 3, 4, 9, 10)
19-Dec-2001
2.1
Remove all references to “clock”
21-Dec-2001
2.2
Changes to text to reflect addition of M48Z08Y option
20-May-2002
2.3
Modify reflow time and temperature footnotes (Table 5)
10-Sep-2002
2.4
Remove all references to “SNAPHAT” and M48Z08Y part (Figure 1;
Table 5, 6, 3, 4, 10, 12)
01-Apr-2003
3
v2.2 template applied; updated test condition (Table 10)
28-Aug-2004
4
Reformatted; removed references to ‘crystal’ (Figure 1)
14-Dec-2005
5
Updated template, Lead-free text, removed footnote (Table 8, 12)
24-Mar-2009
6
Reformatted document; added text to Section 5: Package mechanical
data; added Section 7: Environmental information.
27-May-2010
7
Updated Section 3: Maximum ratings, Table 11; reformatted document;
minor textual changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com