Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1V-85PL1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48Z2M1V-85PL1
Description  5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1V-85PL1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48Z2M1V-85PL1 Datasheet HTML 12Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 13Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 14Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 15Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 16Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 17Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 18Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 19Page - STMicroelectronics M48Z2M1V-85PL1 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
M48Z2M1Y, M48Z2M1V
Part numbering
Doc ID 5135 Rev 5
17/20
6
Part numbering
Table 12.
Ordering information scheme
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M48Z
2M1Y
–70
PL
1
Device type
M48Z
Supply voltage and write protect voltage
2M1Y = VCC = 4.5 to 5.5 V; VPFD = 4.2 to 4.5 V
2M1V = VCC = 3.0 to 3.6 V; VPFD = 2.8 to 3.0 V
(1)
1.
Not recommended for new design. Contact ST sales office for availability.
Speed
–70 = 70 ns (Y)
–85 = 85 ns (V)(1)
Package
PL = PLDIP36
Temperature range
1 = 0 to 70°C
9(2) = extended temperature
2.
Contact ST sales office for availability of extended temperature.
Shipping method
blank = ECOPACK® package, tubes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com