Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD6003 Datasheet(PDF) 2 Page - Seme LAB

Part # MD6003
Description  COMPLEMENTARY DUAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MD6003 Datasheet(HTML) 2 Page - Seme LAB

  MD6003 Datasheet HTML 1Page - Seme LAB MD6003 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL CHARACTERISTICS
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 10mA
IB = 0
IC = 10mAIE = 0
IE = 10mAIC = 0
VCE = 30V
VBE = 3.0V
VCB = 30V
VBE(off) =3.0V
VCB = 40V
IE = 0
IC = 1.0mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 300mA
VCE = 10V
Prelim. 7/00
MD6003
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
V(BR)CEO* Collector – Emitter Breakdown Voltage
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
IBEV
Base Cutoff Current
ICEV
Collector Cut-off Current
ICBO
Collector Cutoff Current
hFE
DC Current Gain
30
50
5.0
50
30
100
40
70
70
110
30
90
V
nA
—
OFF CHARACTERISTICS
ON CHARACTERISTICS
*
Pulse Test: tp £ 300ms, d£ 2%.
RqJC
Thermal Resistance Junction to Case
RqJA
Thermal Resistance Junction to Ambient1
Coupling Factor
Junction to Ambient
Junction to Class
97°CW
304°CW
84%
70°CW
280°CW
44%
Per Side
Total Device
RqJA is measured with the device soldered into a typical printed circuit board.
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com