Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2906ADCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2906ADCSM
Description  Dual Bipolar PNP Devices in a hermetically sealed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2906ADCSM Datasheet(HTML) 1 Page - Seme LAB

  2N2906ADCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N2906ADCSM
Dual Bipolar PNP Devices.
V
CEO =
60V
I
C = 0.6A
All Semelab hermetically sealed products can
be processed in accordance with the
requirements of BS, CECC and JAN, JANTX,
JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
60
V
I
C(CONT)
0.6
A
h
FE
@ 10/0.15 (V
CE / IC)
40
120
-
f
t
200M
Hz
P
D
0.5
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Dual Bipolar PNP Devices in a
hermetically sealed
LCC2 Ceramic Surface Mount
Package for High Reliability
Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
LCC2 (MO-041BB)
Pinouts
Pin 1 – Collector 1
Pin 4 – Collector 2
Pin 2 – Base 1
Pin 5 – Emitter 2
Pin 3 – Base 2
Pin 6 – Emitter 1


Similar Part No. - 2N2906ADCSM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2906A PHILIPS-2N2906A Datasheet
52Kb / 8P
PNP switching transistors
1997 Jun 02
logo
Semicoa Semiconductor
2N2906A SEMICOA-2N2906A Datasheet
29Kb / 1P
Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
PNP SILICON PLANAR TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Micro Electronics
2N2906A MICRO-ELECTRONICS-2N2906A Datasheet
103Kb / 2P
PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
More results

Similar Description - 2N2906ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N1132DCSM SEME-LAB-2N1132DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
2N2904DCSM SEME-LAB-2N2904DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
2N3347DCSM SEME-LAB-2N3347DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
2N3349DCSM SEME-LAB-2N3349DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
2N3350DCSM SEME-LAB-2N3350DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
2N3804ADCSM SEME-LAB-2N3804ADCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
2N3805ADCSM SEME-LAB-2N3805ADCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
2N4928DCSM SEME-LAB-2N4928DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
BC212DCSM SEME-LAB-BC212DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
BC477DCSM SEME-LAB-BC477DCSM Datasheet
15Kb / 1P
Dual Bipolar PNP Devices in a hermetically sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com