Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FME270-461 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FME270-461
Description  Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FME270-461 Datasheet HTML 1Page - Interpoint Corporation Company FME270-461 Datasheet HTML 2Page - Interpoint Corporation Company FME270-461 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
pin out
Angled corner and cover marking indicate pin one for cases U and V.
Cover marking indicates pin one for cases W, Y and Z.
TOP VIEW
All FME270 models/cases
1
2
3
4
5
6
12
11
10
9
8
7
Outline shown is case U, pin out is the same
for all cases. See cases U, V, W, Y, and Z
for dimensions.
Notes
1. All pins must be connected.
2. The baseplate is the only case ground connection and
should directly contact chassis ground.
FIguRe 3: pIn Out
pin 1
Designation
1, 2, 3
Positive Input
4, 5, 6
Input Common
7,8,9
Output Common
10, 11, 12 Positive Output
—
Case Ground 2
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 3 of 11
FMe270-461 eMi input Filters
270 Volt input – 1.5 aMp
FME270RevB-20100226



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com