Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFW2812D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MFW2812D
Description  ??5째C to 85째C operation 50 V for 50 ms transient protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFW2812D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MFW2812D Datasheet HTML 1Page - Interpoint Corporation Company MFW2812D Datasheet HTML 2Page - Interpoint Corporation Company MFW2812D Datasheet HTML 3Page - Interpoint Corporation Company MFW2812D Datasheet HTML 4Page - Interpoint Corporation Company MFW2812D Datasheet HTML 5Page - Interpoint Corporation Company MFW2812D Datasheet HTML 6Page - Interpoint Corporation Company MFW2812D Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics: 25°C Tc, 28 VdC Vin, 100% load, free run, unless otherwise specified.
Notes
1.on dual output models the maximum combined output power is 70 watts.
A maximum of 95% (66.5 W) is available from any single output.
2.on triple output models the maximum combined output power is 60 watts.
A maximum of 50 watts is available from a single output.
3.Balanced loads
4.Regulationeffectonthenegativedualoutputduringthedefined
conditions.
5.Regulationeffectonbothdualoutputsduringthedefinedconditions.
DUALAnDtRIPLeOUtPUtmODeLS
mFW2812d
mFW2815d
mFW2812T
mFW2815T
unIts
paRaMEtER
COnDItIOns
MIn
typ
MaX MIn
typ
MaX MIn typ MaX MIn
typ
MaX
Output VOltagE
Full
lOaD
MaIn
—
—
—
±11.88 ±12 ±12.12
—
—
—
±14.85 ±15 ±15.15
4.95 5.05 5.10
±11.65±11.80±12.05
4.90
4.95
5.05
±15.05 ±15.30 ±15.55
VdC
Dual
Output
CuRREnt1,2
VIn =
19 tO 40
MaIn
—
—
—
—
2.92
5.5
—
—
—
—
2.33
4.4
—
4.0
10.0
—
1.67
4.2
—
4.0
10.0
—
1.33
3.33
A
Dual
Output pOwER1,2
MaIn
—
—
—
—
35
66.5
—
—
70
—
—
—
—
35
66.5
—
—
70
—
20
50
—
20
50
—
—
60
—
20
50
—
20
50
—
—
60
W
±Dual
tOtal
Output RIpplE
Full lOaD
bw
≤ 2 mHz
MaIn
—
—
—
—
30
50
—
—
—
—
30
50
—
50
85
—
50
85
—
50
85
—
50
85
mV p-p
Dual
lInE REgulatIOn
VIn =
19 tO 40
MaIn
—
—
—
—
10
25
—
—
—
—
10
25
—
2
20
—
100
200
—
2
20
—
100
200
mV
Dual
lOaD REgulatIOn3
nO lOaD
tO Full
MaIn
—
—
—
—
25
50
—
—
—
—
25
50
—
5
20
—
480
600
—
5
20
—
300
450
mV
Dual
CROss
REgulatIOn4
Dual
+pO = 3 w tO 35 w
-pO = 35 w
—
1.5
3.0
—
2.0
4.0
—
1.5
3.0
—
2.0
3.5
—
—
—
—
—
—
—
—
—
—
—
—
%
+pO = 20 w tO 50 w
-pO = 50 w tO 20 w
CROss
REgulatIOn5
MaIn
+pO = 33 w
Dual
+pO = 3 w tO 27 w
-pO = 27 w tO 3 w
—
—
—
—
—
—
—
—
—
—
—
—
—
2.3
6.0
—
5.4
9.0
—
2.3
5.0
—
5.0
7.0
%
MaIn
+pO = 3 w tO 30 w
Dual
±pO = 15 w
Input VOltagE
19
28
40 19
28
40 19
28
40 19
28
40
VdC
Input CuRREnt
nO lOaD
—
75
90
—
30
35
—
75
90
—
30
35
—
60
110
—
30
35
—
60
110
—
30
35
mA
InhIbItED
Input RIpplE
CuRREnt
Full lOaD
bw
≤ 10 mHz
—
15
40 —
15
40 —
15
40 —
15
40 mA p-p
EFFICIEnCy
80
83
— 80
83
— 80
84
— 80
84
—
%
staRtup DElay
—
15
25 —
15
25 —
6
10 —
6
10
ms
mFwSeRIeS
70 WATT
DC/DC COnVERtERs
Page 3 of 7
mFwRevF20100212
www.interpoint.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com