Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2805D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MFL2805D
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2805D Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MFL2805D Datasheet HTML 1Page - Interpoint Corporation Company MFL2805D Datasheet HTML 2Page - Interpoint Corporation Company MFL2805D Datasheet HTML 3Page - Interpoint Corporation Company MFL2805D Datasheet HTML 4Page - Interpoint Corporation Company MFL2805D Datasheet HTML 5Page - Interpoint Corporation Company MFL2805D Datasheet HTML 6Page - Interpoint Corporation Company MFL2805D Datasheet HTML 7Page - Interpoint Corporation Company MFL2805D Datasheet HTML 8Page - Interpoint Corporation Company MFL2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
MFL
(Pin side, marked side)
Figure 3: Pin Out
See case U for dimensions.
pin out
pin out
pin
single output
dual output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Triple (TR1)
Triple (TR1)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common Output Common
9
Sense Return
Negative Output
10
Positive Sense
No connection
11
Slave
Slave
12
Master/Inhibit 2
Master/Inhibit 2
pins not in use
pin description
action
3
TR1
Leave unconnected
4
Inhibit 1 (INH1)
Leave unconnected
5
Sync Out
Leave unconnected
6
Sync In
Connect to Input
Common
9
Sense Return
Connect to appropriate
outputs
10
Positive Sense
Connect to appropriate
outputs
11
Slave
Leave unconnected
12
Master/Inhibit 2
Leave unconnected
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 4 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com