Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2815D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MFL2815D
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2815D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MFL2815D Datasheet HTML 1Page - Interpoint Corporation Company MFL2815D Datasheet HTML 2Page - Interpoint Corporation Company MFL2815D Datasheet HTML 3Page - Interpoint Corporation Company MFL2815D Datasheet HTML 4Page - Interpoint Corporation Company MFL2815D Datasheet HTML 5Page - Interpoint Corporation Company MFL2815D Datasheet HTML 6Page - Interpoint Corporation Company MFL2815D Datasheet HTML 7Page - Interpoint Corporation Company MFL2815D Datasheet HTML 8Page - Interpoint Corporation Company MFL2815D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
description
The MFL Series™ 28-volt DC/DC converters are rated up to 65
watts of output power over a -55°C to +125°C temperature range
with a 28 VDC nominal input. On dual output models up to 70%
of the rated output power can be drawn from either the positive
or negative output. Current sharing allows the units to be paral-
leled for total power of up to 148 watts. The welded, hermetically
sealed package is only 3.005 x 1.505 x 0.400 inches, giving
the series an overall power density of up to 43 watts per cubic
inch. The converters are offered with standard screening, “ES”
screening, or fully compliant to “883” MIL-PRF-38534 Class H
screening. Standard microcircuit drawings (SMD) are available.
Design Features
The MFL Series converters are switching regulators that use a
quasi-square wave, single ended forward converter design with a
constant switching frequency of 600 kHz.
Isolation between input and output circuits is provided with a
transformer in the forward path and a wide bandwidth magnetic
coupling in the feedback control loop. The MFL uses a unique
dual loop feedback technique that controls output current with
an inner feedback loop and an output voltage with a cascaded
voltage mode feedback loop.
The additional secondary current mode feedback loop improves
transient response in a manner similar to primary current mode
control and allows for ease of paralleling, but without the cost
and complexity.
The constant frequency, pulse-width modulated converters use a
quasi-square wave single-ended forward design. Tight load regu-
lation is achieved through a wide-bandwidth magnetic feedback
circuit. The output on single MFL models can be trimmed (see
Figure 1 for voltage changes with different resistor values).
inhibit
The MFL Series converters have two inhibit terminals (INH1 and
INH2) that can be used to disable power conversion, resulting in
a very low quiescent input current and no generation of switching
noise. A logic low (<0.8 volts) is required to inhibit the converter
between INH1 (pin 4) and Input Common (pin 2). A logic low
(<0.5 volts) is required to inhibit the converter between INH2 (pin
12) and Output Common (pin 8). The application of intermediate
voltages to these pins (1.5 to 10.5 volts) should be avoided.
sync
Converters may be synced to an external clock (525 to 675 kHz)
or to one another by using the sync in or out pins. The nominal
free-run switching frequency is 600 kHz (see Application Note on
Inhibit and Synchronization).
current anD Parallel OPeratiOn
Multiple MFL converters may be used in parallel to drive a
common load (see Figure 2). In this mode of operation the load
current is shared by two or three MFL converters. In current
sharing mode, one MFL converter is designated as a master.
The SLAVE pin (pin 11) of the master is left unconnected and
the MSTR/INH2 pin (pin 12) of the master is connected to the
SLAVE pin (pin 11) of the slave units. The units designated as
slaves have the MSTR/INH2 pin (pin 12) connected to the SNS
RTN pin (pin 9). Figure 2 shows the typical setup for two or
three units in parallel. Note that synchronizing the units together
(though shown in the figure) is not required for current sharing
operation. A second slave unit may be placed in parallel with a
master and slave; this requires the TRI pin (pin 3) of the master
unit to be connected to the SNS RTN pin (pin 9).
When paralleled, 76% of the total combined power ratings of the
MFL converters are available at the load. Overload and short
circuit performance are not adversely affected during parallel
operation.
Features
Parallel operation with current share,
up to 3 units (148 watts)
-55° to +125°C operation
•
16 to 40 VDC input
•
50 V for 120 ms transient protection
•
Fully isolated, magnetic feedback
•
Fixed high frequency switching
•
Remote sense or output trim on
•
single output models
Inhibit function
•
Sync in and Sync Out
•
Indefinite short circuit protection
•
High power density, 87% efficiency
•
MODELS
VDc OutPut
single
3.3
5
12
15
28
Dual
±5
±12
±15
Other output voltages
available upon request,
including 2 V, 8 V and
54 V single.
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.craneae.com/interpoint
Page 1 of 13
28 VoLt input – 65 Watt
MFL Rev E - 20101026


Similar Part No. - MFL2815D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFL2815D INTERPOINT-MFL2815D Datasheet
182Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MFL2815D CRANE-MFL2815D Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2815D/883 INTERPOINT-MFL2815D/883 Datasheet
182Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MFL2815D/883 CRANE-MFL2815D/883 Datasheet
217Kb / 13P
MFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MFL2815D/883 INTERPOINT-MFL2815D/883 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
More results

Similar Description - MFL2815D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
Parallel operation with current share, up to 5 units (540 watts)
MTW2805S INTERPOINT-MTW2805S_10 Datasheet
445Kb / 6P
??5째C to 85째C operation 18 to 40 VDC input 50 V for 50 ms transient protection
SMFLHP2805D INTERPOINT-SMFLHP2805D_07 Datasheet
493Kb / 13P
Parallel operation with current share, up to 3 units (228 watts)
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
0 to 40 VDC Input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
Parallel operation with active current sharing
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
Wide input voltage range: -40 to -72 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com