Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2805D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MHF2805D
Description  Only 0.33 inches (8.38 mm) high in a hermetically sealed case
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHF2805D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MHF2805D Datasheet HTML 1Page - Interpoint Corporation Company MHF2805D Datasheet HTML 2Page - Interpoint Corporation Company MHF2805D Datasheet HTML 3Page - Interpoint Corporation Company MHF2805D Datasheet HTML 4Page - Interpoint Corporation Company MHF2805D Datasheet HTML 5Page - Interpoint Corporation Company MHF2805D Datasheet HTML 6Page - Interpoint Corporation Company MHF2805D Datasheet HTML 7Page - Interpoint Corporation Company MHF2805D Datasheet HTML 8Page - Interpoint Corporation Company MHF2805D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OPerating COnditiOns and CharaCteristiCs
Input Voltage Range
Single and dual models:
•
16 to 40 vdC continuous
‣
MHF+281r9S 20 to 32 dC continuous
‣
50 v for up to 50 ms transient
‣
MHF+281r9S 35 v for up to 50 ms transient
‣
triple models:
•
16 to 48 vdC continuous
‣
80 v for up to 120 ms transient
‣
Output Power
6.65 to 15 watts depending on model
•
Power Dissipation (Pd)
Single and dual models: 6 watts
•
1.9 and 3.3v single: 8 watts
•
triple models: 12 watts triple
•
Lead Soldering Temperature (10 sec per pin)
300°C
•
Storage Temperature Range (Case)
-65°C to +150°C
•
Case Operating Temperature (TC)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
Derating Output Power/Current
linearly from 100% at 125°C to 0% at 135°C
•
Output Voltage Temperature Coefficient
100 ppm/°C typical
•
150 ppm/°C maximum
•
Input to Output Capacitance
60 pF typical
•
Current Limit
Single and dual models: 115% of full load typical
•
triple models: 130% of full load typical triple
•
Isolation
100 megohm minimum at 500 v
•
Audio Rejection
50 dB typical
•
Conversion Frequency (-55°C to +125°C TC)
Free run
•
Single and dual models: 480 kHz min, 550 kHz typ,
‣
620 kHz max
triple models: 375 kHz min, 500 kHz max
‣
Undervoltage Lockout
Single and dual models: 14 v input typical
•
triple models: 8.5 v input typical
•
synC and inhibit
Sync In
input frequency
•
Single and dual models: 500 to 600 kHz
‣
triple models: 400 to 600 kHz
‣
duty cycle 40% to 60%
‣
active low 0.8 v max
•
active high 4 v min, 5 v max
•
triple models: source impedance should be <100 ohms and
•
the transition time should be <100 nanoseconds
if sync is not used
•
Single and dual models: connect to input common
‣
triple models: leave unconnected
‣
referenced to input common
•
Inhibit:
active low (output disabled)
•
Active low voltage ≤0.8 V max
‣
inhibit pin current
-
Single and dual models: 4.0 ma max, 3.0 ma typ
·
triple models: 5.0 ma max, 3.0 ma typ
·
referenced to input common
‣
active high (output enabled)
•
Single and dual models
‣
open collector or unconnected
-
open pin 8.5 to 12 v, 10 v typical
-
triple models
‣
open collector or unconnected
-
open collector interface not required if active high is
-
greater than 11 v and less than 40v
open pin voltage, 11 v typical
-
meChaniCal and envirOnmental
Size (maximum)
non flanged 1.460 x 1.130 x 0.330 (37.08 x 28.70 x 8.38 mm)
•
Flanged 2.005 x 1.130 x 0.330 (50.93 x 28.70 x 8.38 mm)
•
See cases e1, e2, g1 and g2 for dimensions.
•
Weight, flanged or unflanged (maximum)
Single and dual models: 30 grams
•
triple models: 35 grams
•
Screening:
Standard, eS or 883 (Class H). See Screening tables 1 and 2 for
more information.
www.interpoint.com
Page 3 of 23
Crane aerospace & electronics Power solutions
MHF+ Single, dual and triple dC/dC Converters
28 VOlT inPuT – 15 WATT
MHF+ rev l - 20091113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com