Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2805S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MHV2805S
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2805S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MHV2805S Datasheet HTML 1Page - Interpoint Corporation Company MHV2805S Datasheet HTML 2Page - Interpoint Corporation Company MHV2805S Datasheet HTML 3Page - Interpoint Corporation Company MHV2805S Datasheet HTML 4Page - Interpoint Corporation Company MHV2805S Datasheet HTML 5Page - Interpoint Corporation Company MHV2805S Datasheet HTML 6Page - Interpoint Corporation Company MHV2805S Datasheet HTML 7Page - Interpoint Corporation Company MHV2805S Datasheet HTML 8Page - Interpoint Corporation Company MHV2805S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Operating COnditiOns and CharaCteristiCs
input Voltage range
16 to 50 VDC continuous
•
80 VDC for 120 ms transient
•
12 Vout single and dual to 75 V
‣
15 Vout single and dual to 60 V
‣
output power
15 watts (10 watts MHV283R3S)
•
lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (tc)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +130°C absolute
•
derating output power/current
Linearly from 100% at 125°C to 0% at 130°C
•
output Voltage temperature coefficient
100 ppm/°C typical
•
current limit
130% of full load typical at 25° T
•
C
isolation at 25° tc
100 megohm minimum at 500 V
•
audio rejection
30 dB typical
•
conversion (switching) frequency
Free run mode (each PWM) 300 kHz typical
•
245 kHz. min, 355 kHz. max (T
‣
C = -55° to +125°C)
undervoltage lockout
7 V input typical
•
low line dropout
Typically occurs at 12 Vin to 17 Vin depending on model
•
See Figures 12, 15 and 21
•
synC and inhibit
sync in (twice the pWM conversion frequency)
Input (clock) frequency
•
Single and dual output models 490 to 710 kHz
-
Triple output models 500 to 700 kHz
-
Duty cycle 40% min, 60% max
•
Active low 0.8 V max
•
Active high 4.5 V min, 10 V max
•
Referenced to input common
•
If not used, leave unconnected
•
inhibit
Active low (output disabled)
•
Activelowvoltage≤0.8V
‣
Inhibit pin source current
‣
Typically 8.4 mA at 28 Vin, or 15 mA at 50 Vin
-
Sinking current required is Vin / 3.3 K ohms
-
Referenced to input common
‣
Active high (output enabled)
•
Open collector
‣
Unconnected or 11.5 to 50 V
‣
Open pin voltage 11 V typ
‣
meChaniCal and envirOnmental
size (maximum)
Non-flanged Single and dual output models
•
2.125 x 1.125 x 0.400 inches (53.98 x 28.58 x 10.16
‣
mm). See case H2 for dimensions.
Triple output models
•
1.950 x 1.350 x 0.405 inches (49.53 x 34.29 x 10.29
‣
mm). See case F1 for dimensions.
Flanged Single and dual output models
•
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16
‣
mm). See case K3 for dimensions.
Triple output models
•
2.720 x 1.350 x 0.405 inches (69.09 x 34.29 x 10.29
‣
mm). See case J1 for dimensions.
Weight (maximum)
60 grams typical
•
screening
Standard, ES, or 883 (Class H). See Screening Tables 1
•
and 2 for more information.
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 3 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com