Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2812D Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MHV2812D
Description  Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2812D Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MHV2812D Datasheet HTML 1Page - Interpoint Corporation Company MHV2812D Datasheet HTML 2Page - Interpoint Corporation Company MHV2812D Datasheet HTML 3Page - Interpoint Corporation Company MHV2812D Datasheet HTML 4Page - Interpoint Corporation Company MHV2812D Datasheet HTML 5Page - Interpoint Corporation Company MHV2812D Datasheet HTML 6Page - Interpoint Corporation Company MHV2812D Datasheet HTML 7Page - Interpoint Corporation Company MHV2812D Datasheet HTML 8Page - Interpoint Corporation Company MHV2812D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
unDervoltage loCkout
An undervoltage lockout of approximately 7 VDC keeps system
current levels low during startup. Low line dropout typically occurs
at approximately 12 Vin to 17 Vin depending on model. See
Figures 12, 16 and 17.
short CirCuit proteCtion
Under short circuit conditions of 130% or more of full load
current, the converter will protect itself by shutting down. Short
circuit duration should be brief because power dissipation may
cause internal temperatures to rise rapidly. Restart is automatic
upon removal of the short circuit.
output voltage options
The MHV Series converters are capable of providing other
output voltage options in addition to those characterized on this
datasheet. Contact your sales representative to discuss other
output voltage options, www.interpoint.com/contacts.
us patents
Interpoint converters may use one or more of the following US
patents 5,521,807, 5,694,303, and 5,631,822.
+Vin
PWM
Controller
PWM
Controller
Sync
Feedback
Feedback
Opto
Opto
Input
Inhibit
Main
Output
Output
Common
+Aux
-Aux
Primary
Secondary
Primary
Secondary
Common
Figure 1: mhv triple bloCk Diagram
siMplified scHeMatic diagraM
Crane Aerospace & Electronics Power Solutions
MHV single, dual and triple dc/dc converters
28 Volt input – 15 Watt
www.interpoint.com
Page 2 of 19
MHV Rev E - 20100503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com