Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD44H11 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MJD44H11
Description  Complementary power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD44H11 Datasheet(HTML) 3 Page - STMicroelectronics

  MJD44H11_09 Datasheet HTML 1Page - STMicroelectronics MJD44H11_09 Datasheet HTML 2Page - STMicroelectronics MJD44H11_09 Datasheet HTML 3Page - STMicroelectronics MJD44H11_09 Datasheet HTML 4Page - STMicroelectronics MJD44H11_09 Datasheet HTML 5Page - STMicroelectronics MJD44H11_09 Datasheet HTML 6Page - STMicroelectronics MJD44H11_09 Datasheet HTML 7Page - STMicroelectronics MJD44H11_09 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD44H11, MJD45H11
Electrical characteristics
Doc ID 5470 Rev 3
3/8
2
Electrical characteristics
Tcase = 25 °C; unless otherwise specified.
Note:
For PNP types voltage and current values are negative.
2.1
Typical characteristic (curves)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.
Collector-emitter
sustaining voltage (IB = 0)
IC = 30 mA
80
-
V
ICES
Collector cut-off current
(VBE = 0)
VCE = 80 V
-
10
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
-
50
µA
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 8 A
IB = 0.4 A
-
1
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 8 A
IB = 0.8 A
-
1.5
V
hFE
(1)
DC current gain
IC = 2 A_
VCE = 1 V
60
-
IC = 4 A_ _
VCE = 1 V
40
-
Figure 2.
Safe operating area
Figure 3.
Derating curves



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com