Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84008-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD84008-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84008-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD84008-E Datasheet HTML 2Page - STMicroelectronics PD84008-E Datasheet HTML 3Page - STMicroelectronics PD84008-E Datasheet HTML 4Page - STMicroelectronics PD84008-E Datasheet HTML 5Page - STMicroelectronics PD84008-E Datasheet HTML 6Page - STMicroelectronics PD84008-E Datasheet HTML 7Page - STMicroelectronics PD84008-E Datasheet HTML 8Page - STMicroelectronics PD84008-E Datasheet HTML 9Page - STMicroelectronics PD84008-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical performance
PD84008-E, PD84008S-E
6/15
4
Typical performance
Figure 3.
Capacitances vs drain voltage
Figure 4.
DC output characteristics
Figure 5.
DC output characteristics
0
20
40
60
80
100
120
0
1020
3040
50
VDS (V)
Coss
Crss
Cis s
p
0
1
2
3
4
5
6
05
10
VD S[ V ]
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 5.5V
Vgs = 6.0V
Tamb = - 40 °C
0
1
2
3
4
5
6
05
10
VD S[ V ]
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 5.5V
Vgs = 6.0V
Tamb = + 20 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com