Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84008L-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD84008L-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84008L-E Datasheet(HTML) 5 Page - STMicroelectronics

  PD84008L-E Datasheet HTML 1Page - STMicroelectronics PD84008L-E Datasheet HTML 2Page - STMicroelectronics PD84008L-E Datasheet HTML 3Page - STMicroelectronics PD84008L-E Datasheet HTML 4Page - STMicroelectronics PD84008L-E Datasheet HTML 5Page - STMicroelectronics PD84008L-E Datasheet HTML 6Page - STMicroelectronics PD84008L-E Datasheet HTML 7Page - STMicroelectronics PD84008L-E Datasheet HTML 8Page - STMicroelectronics PD84008L-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PD84008L-E
Impedance
5/14
3
Impedance
Figure 2.
Current conventions
Table 8.
Impedance data
Freq. (MHz)
ZIN (Ω)ZDL(Ω)
870 MHz
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com