Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84008S-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD84008S-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84008S-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD84008S-E Datasheet HTML 3Page - STMicroelectronics PD84008S-E Datasheet HTML 4Page - STMicroelectronics PD84008S-E Datasheet HTML 5Page - STMicroelectronics PD84008S-E Datasheet HTML 6Page - STMicroelectronics PD84008S-E Datasheet HTML 7Page - STMicroelectronics PD84008S-E Datasheet HTML 8Page - STMicroelectronics PD84008S-E Datasheet HTML 9Page - STMicroelectronics PD84008S-E Datasheet HTML 10Page - STMicroelectronics PD84008S-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PD84008-E, PD84008S-E
Typical performance
7/15
Figure 6.
DC output characteristics
Figure 7.
Gain vs output power and
bias current
Figure 8.
Gain and efficiency vs POUT
Figure 9.
Pout and Id vs Vgs
0
1
2
3
4
5
6
02
46
8
10
12
VD S[ V ]
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 5.5V
Vgs = 6.0V
Tamb = + 60 °C
8
9
10
11
12
13
14
15
16
17
18
012
3456
789 10 11 12 13 14
Pout (W)
Idq = 100mA
Idq = 250mA
Idq = 350mA
Idq = 500mA
Freq = 870 MHz
Vdd = 7.5V
10
11
12
13
14
15
16
17
18
0
1
2
3
4
5
6
7
8
9 10 11 12 13
Pout (W)
0
10
20
30
40
50
60
70
80
Gain
Eff
Freq = 870 MHz
Vdd = 7.5V
0
1
2
3
4
5
6
7
8
9
10
11
12
00.5
11.5
22.5
3
3.5
44.5
55.5
6
Vgs (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Pout
Id
Freq = 870 MHz
Vdd = 7.5V
Pin = 200 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com