Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84008STR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD84008STR-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84008STR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD84008STR-E Datasheet HTML 4Page - STMicroelectronics PD84008STR-E Datasheet HTML 5Page - STMicroelectronics PD84008STR-E Datasheet HTML 6Page - STMicroelectronics PD84008STR-E Datasheet HTML 7Page - STMicroelectronics PD84008STR-E Datasheet HTML 8Page - STMicroelectronics PD84008STR-E Datasheet HTML 9Page - STMicroelectronics PD84008STR-E Datasheet HTML 10Page - STMicroelectronics PD84008STR-E Datasheet HTML 11Page - STMicroelectronics PD84008STR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical performance
PD84008-E, PD84008S-E
8/15
Figure 10.
Pout and Id vs Vgs
Figure 11.
Pout and Id vs VDD
Figure 12.
Pout and Id vs VDD
Figure 13.
Pout and Id vs VDD
Figure 14.
Pout and Id vs VDD
4
8
12
16
20
24
28
32
46
8
10
12
14
Vgs (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 1.6W
4
8
12
16
20
24
28
32
46
8
10
12
14
Vgs (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 1.2W
4
6
8
10
12
14
16
18
20
4
6
8
101214
Vgs (V)
1.0
1.5
2.0
2.5
3.0
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 0.4W
2
3
4
5
6
7
8
9
10
11
12
46
8
10
12
14
Vgs (V)
1.0
1.2
1.4
1.6
1.8
2.0
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 0.2W
0
1
2
3
4
5
6
46
8
10
12
14
Vgs (V)
0.8
1.0
1.2
1.4
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 0.1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com