Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1728 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD1728
Description  RF & Microwave transistors HF SSB application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1728 Datasheet(HTML) 5 Page - STMicroelectronics

  SD1728 Datasheet HTML 1Page - STMicroelectronics SD1728 Datasheet HTML 2Page - STMicroelectronics SD1728 Datasheet HTML 3Page - STMicroelectronics SD1728 Datasheet HTML 4Page - STMicroelectronics SD1728 Datasheet HTML 5Page - STMicroelectronics SD1728 Datasheet HTML 6Page - STMicroelectronics SD1728 Datasheet HTML 7Page - STMicroelectronics SD1728 Datasheet HTML 8Page - STMicroelectronics SD1728 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SD1728 (TH430)
Typical performance (Class C)
5/9
3
Typical performance (Class C)
Figure 1.
Output power vs input power
Figure 2.
Collector base capacitance vs
Collector base voltage (f = 1MHz)
0
50
100
150
200
250
300
350
0
123
4
567
89
Pin (W)
Class C
Freq: 13.56 MHz
Vcc= 44V
0
100
200
300
400
500
600
700
800
0
10
203040
50
60
Collector base capacitance (pf)
Figure 3.
Power gain vs POUT
Figure 4.
Efficiency vs POUT
10
12
14
16
18
20
8
54
120
170
210
235
Pout (W)
Class C
Freq: 13.56
MHz
MHz
VCC = 44V
0%
10%
20%
30%
40%
50%
60%
70%
0
50
100
150
200
250
300
Pout (W)
Class C
Freq: 13.56
MHz
V44V
MHz
VCC = 44V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com