Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1731 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SD1731
Description  RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1731 Datasheet(HTML) 5 Page - STMicroelectronics

  SD1731 Datasheet HTML 1Page - STMicroelectronics SD1731 Datasheet HTML 2Page - STMicroelectronics SD1731 Datasheet HTML 3Page - STMicroelectronics SD1731 Datasheet HTML 4Page - STMicroelectronics SD1731 Datasheet HTML 5Page - STMicroelectronics SD1731 Datasheet HTML 6Page - STMicroelectronics SD1731 Datasheet HTML 7Page - STMicroelectronics SD1731 Datasheet HTML 8Page - STMicroelectronics SD1731 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/9
SD1731 (TH562)
TEST CIRCUIT
Figure 8. Test Circuit
Table 6. Test Circuit
C1
Arco 426 + 220pF + 330pF Chips
C2
2 x 10nF Chips
C3
Arco 4615 + 2.2nF + 2 x 1nF LCC + 4.7nF + 560pf Chps
C4
Arco 4213 + 330pF Chip
C5
10nF Chip
C6
3 x 10nF Chips
C7, C8, C9, C10, C11
1nF + 10nF + 100nF + 4.7µF, 63V + 100µF, 63V
L1
3 Turns of 1.2mm Unenameled Wire Diameter, 7.1mm, Length 13mm
L2, L3
8 Turns of 0.55mm Enameled Wire on Ferrite Core Phillips 4C6 97170 (9 x 6 x 3)
L4
10 Turns of 1.2mm Enameled Wire, Diameter 8.1mm, Length 20mm
L5
7 Turns of 1.2mm Enameled Wire on Ferrite Core Phillips 4C6 97180
T1
6:3.5 Impedance Transformer on toriod Phillips 4C6 97180
T2
Twisted Pair 4:1 Transformer, 4 Turns Made with 1.0mm Enameled on toriod Phillips
4C6 97180
T3
Feedback Transformer Primary: 2 Turns of 1mm Enameled Wire Secondary: 8 Turns
of 1mm Enameled Wire
T4
Twisted Pair 4:1 Transformer, 4 Turns of bifilar Twisted 1.2mm Wires on Ferrite Core
Phillips 4C6 97200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com