Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4587M Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA4587M
Description  Preamplifier Power Amplifier for 1.5 V Headphone Stereos
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4587M Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA4587M Datasheet HTML 9Page - Sanyo Semicon Device LA4587M Datasheet HTML 10Page - Sanyo Semicon Device LA4587M Datasheet HTML 11Page - Sanyo Semicon Device LA4587M Datasheet HTML 12Page - Sanyo Semicon Device LA4587M Datasheet HTML 13Page - Sanyo Semicon Device LA4587M Datasheet HTML 14Page - Sanyo Semicon Device LA4587M Datasheet HTML 15Page - Sanyo Semicon Device LA4587M Datasheet HTML 16Page - Sanyo Semicon Device LA4587M Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SW Pin Equivalent Circuit Diagram
1. Power switch
On when power switch is grounded
IO =VCC/200k+VCC – 0.7 V/22 kΩ
Pin 38
VS = 100 mV or less
2. Power mute and low boost switch
On when pin 37 power mute is grounded
On in pin 41 low boost switch floating mode
IO = 0.1 µA or less
VS = 80 mV or less
* The discharge resistance for
smoothing is 430 k
Ω max.
3. FWD/REV, METAL switch
REV when pin 39 FWD/REV is grounded
On in pin 40 metal floating mode
IO = 7 µA or less
VS = 0.5 V or less
LA4587M
No.5204-13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com