Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST3DV520
Description  High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST3DV520 Datasheet HTML 2Page - STMicroelectronics ST3DV520 Datasheet HTML 3Page - STMicroelectronics ST3DV520 Datasheet HTML 4Page - STMicroelectronics ST3DV520 Datasheet HTML 5Page - STMicroelectronics ST3DV520 Datasheet HTML 6Page - STMicroelectronics ST3DV520 Datasheet HTML 7Page - STMicroelectronics ST3DV520 Datasheet HTML 8Page - STMicroelectronics ST3DV520 Datasheet HTML 9Page - STMicroelectronics ST3DV520 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
ST3DV520
8/10
Figure 6.
Footprint recommendation
Table 10.
QFN56 (11 x 5 mm) mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.05
0.002
A3
0.20
0.008
b
0.20
0.25
0.30
0.008
0.010
0.012
D
10.90
11.00
11.10
0.429
0.433
0.437
D2
8.30
8.40
8.50
0.327
0.331
0.335
D3
9.50
0.374
E
4.90
5.00
5.10
0.193
0.197
0.201
E2
2.30
2.40
2.50
0.091
0.094
0.098
E3
3.50
0.138
e
0.50
0.020
L
0.30
0.40
0.50
0.012
0.016
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com