Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP80PF55 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP80PF55
Description  P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80PF55 Datasheet(HTML) 3 Page - STMicroelectronics

  STP80PF55 Datasheet HTML 1Page - STMicroelectronics STP80PF55 Datasheet HTML 2Page - STMicroelectronics STP80PF55 Datasheet HTML 3Page - STMicroelectronics STP80PF55 Datasheet HTML 4Page - STMicroelectronics STP80PF55 Datasheet HTML 5Page - STMicroelectronics STP80PF55 Datasheet HTML 6Page - STMicroelectronics STP80PF55 Datasheet HTML 7Page - STMicroelectronics STP80PF55 Datasheet HTML 8Page - STMicroelectronics STP80PF55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB80PF55, STP80PF55
Electrical ratings
Doc ID 8177 Rev 6
3/16
1
Electrical ratings
Note:
For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
55
V
VGS
Gate-source voltage
±16
V
ID
(1)
1.
Current limited by package.
Drain current (continuous) at TC = 25°C
80
A
ID
Drain current (continuous) at TC = 100°C
57
A
IDM
(2)
2.
Pulse width limited by safe operating area .
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25°C
300
W
Derating factor
2
W/°C
dv/dt (3)
3.
ISD < 40A, di/dt < 300 A/µs, VDD=80% V(BR)DSS.
Peak diode recovery voltage slope
7
V/ns
EAS
(4)
4.
Starting Tj=25°C, ID=80A, VDD=40V.
Single pulse avalanche energy
1.4
J
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.5
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com