Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCL1100 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCL1100
Description  High frequency silicon oscillator family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1100 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCL1100 Datasheet HTML 4Page - STMicroelectronics STCL1100 Datasheet HTML 5Page - STMicroelectronics STCL1100 Datasheet HTML 6Page - STMicroelectronics STCL1100 Datasheet HTML 7Page - STMicroelectronics STCL1100 Datasheet HTML 8Page - STMicroelectronics STCL1100 Datasheet HTML 9Page - STMicroelectronics STCL1100 Datasheet HTML 10Page - STMicroelectronics STCL1100 Datasheet HTML 11Page - STMicroelectronics STCL1100 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Operation
STCL1100 STCL1120 STCL1160
8/18
Doc ID 13337 Rev 5
4
Operation
Use of the STCL1xx0 silicon oscillator device is very simple. Once power is applied to VCC
pin, a CMOS-compatible square wave output signal is provided on the FOUT output pin (in
active mode the Chip Enable (CE) input pin must be at a logic high level).
4.1
Chip Enable (CE)
This feature allows the user to stop the clock and significantly reduce the current
consumption when the application is put into power saving mode.
When used to clock the microprocessor in place of a crystal, the need for chip enable input
stems from a difference in the way microprocessors normally disable their clock. In the case
of a crystal or ceramic resonator, when going into power saving mode, the processor simply
opens the internal Xtal inverter feedback which results in stopping the crystal oscillations;
however in the case of the silicon oscillators this would not work and the oscillator would
continue to run. So in order to use this feature, one of the microprocessor's output pins must
be configured to control the silicon oscillator's Chip Enable (CE) input, see Typical
application circuit diagram. To minimize standby current of the oscillator device, no internal
pull-up resistor is implemented on the CE input, thus the input level must be permanently
defined by the controlling signal.
4.2
Transition to disable
The device provides additional 32 complete clock cycles after the chip enable input went
inactive to allow the clocked microprocessor to complete pipelined instructions before going
into sleep mode. Then during disable the output remains low.
4.3
Fast startup and wakeup from disable
The total startup time until oscillations internally stabilize and remain within specifications is
50 µs max from the point when VCC reached min operating voltage (at power on) or from the
point when CE went active (wakeup from disable mode). The output remains low even
during initial 16 cycles after CE went active to provide stabilized valid output waveform
already from the first output cycle, see Table 3: DC and AC parameters and Figure 8:
Startup output waveform, first cycles zoom (power-on), STCL1120. Compare to
milliseconds typical for crystal oscillators or hundreds of microseconds for ceramic
resonators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com