Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTO815T Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MTO815T
Description  ??5째C to 85째 C operation 50 V for 50 ms transient protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTO815T Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MTO815T Datasheet HTML 1Page - Interpoint Corporation Company MTO815T Datasheet HTML 2Page - Interpoint Corporation Company MTO815T Datasheet HTML 3Page - Interpoint Corporation Company MTO815T Datasheet HTML 4Page - Interpoint Corporation Company MTO815T Datasheet HTML 5Page - Interpoint Corporation Company MTO815T Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
MTO Rev C 20100212
www.interpoint.com
typical characteristics
inhibit
recommended operating conditions
absolute maximum ratings
inhibit ttL open collector
• logic low (output disabled)
V = <0.8 V
Inhibit pin current < 2.0 mA
• Referenced to input common
• logic high (output enabled)
Unconnected or connected to Vin
output power
• 15 watts
Lead soldering temperature (10 sec per lead)
• 300°C
storage temperature range (case)
• –65°C to +125°C
output Voltage temperature coefficient
• 150 ppm/°C typical
input to output capacitance
• 80 pF typical
current Limit
• 125% of full load typical
isolation
• 100 megohm minimum at 500 V
conversion Frequency
• 250 kHz typical
inhibit pin Voltage (unit enabled)
• 10 V typical
input Voltage range
• 16 to 36 VDC continuous
• 50 V for 50 msec transient
case operating temperature (tc)
• –55°C to +85°C full power
• –55°C to +115°C absolute
Derating output power/current
• linearly from 100% at 85°C to 0% at 115° C
Notes
1. minimum load required for full output capability on auxiliary outputs. minimum current can be reduced when dual outputs are used at reduced
loads.
electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
TRIPle OUTPUT mODels
mTO2812T
mTO2815T
units
parameter
COnDitiOns
min tYp maX min tYp maX
Output VOltage
main
4.95
5.0
5.05
11.88 12.0 12.12
11.88 12.0 12.12
4.95
5.0
5.05
14.85 15.0 15.15
14.85 15.0 15.15
VDC
+ auXiliarY
- auXiliarY
Output Current
main1
100
—
2000
—
—
±208
100
—
2000
—
—
±167
mA
auXiliarY
Output pOwer
main
—
—
10.0
—
—
2.5
—
—
2.5
—
—
15
—
—
10.0
—
—
2.5
—
—
2.5
—
—
15
W
+ auXiliarY
- auXiliarY
tOtal
Output ripple
bw
= 1 mhz
main
—
—
80
—
—
30
—
—
80
—
—
30
mV p-p
± auXiliarY
line regulatiOn
Vin = min tO maX
main
—
5
10
—
30
48
—
5
10
—
30
60
mV
± auXiliarY
lOaD regulatiOn
nO lOaD tO Full
main
—
10
20
—
30
48
—
10
20
—
30
60
mV
± auXiliarY
input VOltage
COntinuOus
16
28
36
—
—
50
16
28
36
—
—
50
VDC
V
transient
50 ms
input Current
nO lOaD
—
—
30
—
—
700
—
8
10
—
—
30
—
—
700
—
8
10
mA
Full lOaD
inhibiteD
input ripple Current
—
20
50 —
20
50
mA p-p
eFFiCienCY
76
79
— 76
79
—
%
mTO seRIes
15 WATT
DC/DC Converters



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com