Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU6NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU6NF10
Description  N-channel 100 V, 0.22 廓, 6 A, DPAK, IPAK low gate charge STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU6NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STU6NF10 Datasheet HTML 1Page - STMicroelectronics STU6NF10 Datasheet HTML 2Page - STMicroelectronics STU6NF10 Datasheet HTML 3Page - STMicroelectronics STU6NF10 Datasheet HTML 4Page - STMicroelectronics STU6NF10 Datasheet HTML 5Page - STMicroelectronics STU6NF10 Datasheet HTML 6Page - STMicroelectronics STU6NF10 Datasheet HTML 7Page - STMicroelectronics STU6NF10 Datasheet HTML 8Page - STMicroelectronics STU6NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2008
Rev 6
1/14
14
STD6NF10
STU6NF10
N-channel 100 V, 0.22
Ω, 6 A, DPAK, IPAK
low gate charge STripFET™ Power MOSFET
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
Application
■ Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC
converters for telecom and computer applications.
It is also intended for any applications with low
gate drive requirements.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STD6NF10
100 V
< 0.250
Ω
6 A
STU6NF10
100 V
< 0.250
Ω
6 A
DPAK
3
2
1
1
3
IPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD6NF10T4
D6NF10
DPAK
Tape and reel
STU6NF10
6NF10
IPAK
Tube
www.st.com


Similar Part No. - STU6NF10

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STU6NF10 DOINGTER-STU6NF10 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STU6NF10 VBSEMI-STU6NF10 Datasheet
952Kb / 9P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STU6NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NF10 STMICROELECTRONICS-STD10NF10 Datasheet
458Kb / 14P
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
07-Aug-2006
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
Jun-2001
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
Mar-2004
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
N-channel 25 V - 0.0038 Ω - 80 A - DPAK - IPAK STripFET??V Power MOSFET
20-Feb-2008
STD95NH02L-1 STMICROELECTRONICS-STD95NH02L-1 Datasheet
343Kb / 16P
N-channel 24V - 0.0039Ω - 80A - DPAK - IPAK Ultra low gate charge STripFET??Power MOSFET
02-Aug-2007
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
N-channel 30 V, 0.0072 Ω, 48 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD70N2LH5 STMICROELECTRONICS-STD70N2LH5 Datasheet
232Kb / 12P
N-channel 25 V, 0.006 Ω, 48 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
N-channel 25 V, 0.0038 Ω, 80 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STD12NF06 STMICROELECTRONICS-STD12NF06_09 Datasheet
341Kb / 14P
N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
26-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com